Part Number Hot Search : 
CM2114 NCP5314 BU208 H8S2370R TA1815D 4063AP 02100 75558P
Product Description
Full Text Search
 

To Download DT22J11S215QA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DT Series Miniature Double Pole Rocker Switches
NEW!
Features/Benefits Typical Applications * Illuminated versions available * Small appliances * Double pole switching in * Computers and peripherals miniature package * Medical instrumentation * Snap-in mounting * RoHS compliant
Models Available
Specifications
CONTACT RATING: UL/CSA: 8 AMPS @ 125 VAC, 4 AMPS @ 250 VAC VDE: 10 AMPS @ 125 VAC, 6 AMPS @ 250 VAC. QH version: 16 AMPS @ 125 VAC, 10 AMPS @ 250 VAC ELECTRICAL LIFE: 10,000 make and break cycles at full load. INSULATION RESISTANCE: 108 min. DIELECTRIC STRENGTH: 1,500 VRMS @ sea level. OPERATING TEMTERATURE: -20C to +85C
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, matte finish. ILLUMINATED ACTUATOR: Polycarbonate, matte finish. CENTER CONTACTS: Silver plated, copper alloy. END CONTACTS: Silver plated AgCdo. ALL TERMINALS: Silver plated, copper alloy.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages H-67 through H-70. For additional options not shown in catalog, consult Customer Service Center.
Switch Function DT12 SPST On-None-Off DT22 DPST On-None-Off
Actuator J1 Rocker J2 Two-tone rocker J3 Illuminated rocker Actuator Color 2 Black 1 White 3 Red R Red, illuminated A Amber, illuminated G Green, illuminated Mounting Style/Color S2 Snap-in, black S1 Snap-in, white B2 Recessed snap-in bracket, black G2 Guard, black Termination 15 .187" quick connect 02 PC Thru-hole A Right angle, PC thru-hole
Rocker
Actuator Marking (NONE) No marking D ON-OFF H "O l" - international ON-OFF N Large dot P "O -" international ON-OFF
* QF available with termination 15 only.
Contact Rating QA Silver (UL/CSA) QF Silver (VDE)* QH Silver (High current)*
Lamp Rating (NONE) No lamp 7 125 VAC neon 8 250 VAC neon
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-67
www.ittcannon.com
DT Series Miniature Double Pole Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION CONNECTED TERMINALS
NO. POLES
MODEL NO.
C&K marking on opposite side
C&K marking on opposite side
SCHEMATIC
1
2 OR
DT12
ON
ON
For Illuminated Versions DP 2-3 2-1 a1 a2 OR 1a 2a
DT22
ON
OFF b1 b2 1b 2b
For Illuminated Versions
ACTUATOR
J1 J3
ROCKER ILLUMINATED ROCKER
J2
TWO-TONE ROCKER
Rocker
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-68
www.ittcannon.com
DT Series Miniature Double Pole Rocker Switches
ACTUATOR COLOR
OPTION CODE ACTUATOR COLOR BLACK WHITE RED RED, ILLUMINATED AMBER, ILLUMINATED GREEN, ILLUMINATED
2 1 3 R A G
MOUNTING STYLE/COLOR
S2 S1
SNAP-IN, BLACK SNAP-IN, WHITE .080 (2,03) 1.200 (30,48) .820 (20.83)
B2
RECESSED SNAP-IN BRACKET, BLACK
1.366 (34,70)
1
2
NOTE: Available with DT102 switch functions only.
G2
GUARD, BLACK
PANEL MOUNTING .350 (8,89) .940 (23,88) .700 (17,78)
1.186 (30,13) PANEL THICKNESS 0.030-0.049 (0,75-1,25) 0.049-0.079 (1,25-2,0) 0.079-0.118 (2,0-3,0) "X" 0.756-.004 (19,2-0,1) 0.764-.004 (19,4-0,1) 0.780-.004 (19,8-0,1) "Y" 0.512+.004 (13,0+0,1) 0.512+.004 (13,0+0,1) 0.512+.004 (13,0+0,1)
1
2
TERMINATION
15
.187" QUICK CONNECT
02
PC THRU-HOLE
Rocker
.126 (3,2)
.142 (3,6) .031 (0,8)
.051 (1,3)
.394 (10,0)
.315 (8,0)
NOTE: No VDE approval of this option.
H
H-69
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
DT Series Miniature Double Pole Rocker Switches
TERMINATION
A
RIGHT ANGLE, PC THRU-HOLE .049 (1,3)
.708 (18,0)
.031 (0,8) .394 (10,0) NOTE: No VDE approval of this option.
.256 (6,5)
ACTUATOR MARKING
NONE
NO MARKING
D
ON-OFF
H
O-l
N
LARGE DOT
P
O-
NOTE: Orientation of actuator marking and terminals.
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT * YES YES YES RoHS COMPATIBLE * YES YES YES CONTACT AND TERMINAL MATERIAL SILVER SILVER SILVER POWER POWER POWER RATINGS 8 AMPS @ 125 VAC; 4 AMPS @ 250 VAC (UL/CSA) 10 AMPS @ 125 VAC; 6 AMPS @ 250 VAC (VDE) 16 AMPS @ 125 VAC; 10 AMPS @ 250 VAC
QA QF * QH *
*1 QF available with termination 15 only. NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
Rocker
LAMP RATING
(NONE) NO LAMP 7 125 VAC 33k NEON 8 250 VAC 150k NEON
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-70
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of DT22J11S215QA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X